Part Number Hot Search : 
D0715 MM74C HJ644HLP MKP417 808CX D0715 NDA4116 RV681J
Product Description
Full Text Search
 

To Download B220 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  surface mount schottky barrier rectifier e-mail: sales@taychipst.com web site: www.taychipst.com 1 of 2 B220 thru b260 2.0a features m e c h an i c al d at a ? built-in strain relief ? c a s e : j e d e c d o - 214 a a , m o l ded p l a s t i c o v er 1 11 1 pa ss i v a t ed c hip ? low power loss,high effciency ? plastic package has underwriters laborator 111 flammability classification 94v-0 ? high temperature soldering guaranteed:250 o c/10 1 11 seconds at terminals ? polarity: color band denotes cathode end weigh t : 0 . 0 0 3 oun c e s , 0 . 093 ? low profile package ? for surface mounted applications ? terminals:solder plated, solderable per mil-std-750, 1 11 1 m e t h od 2026 ? high current capability,low forward voltage drop ? for use in low voltage high frequency inverters,free 111 wheeling and polarity protection applications ? guardring for overvoltage protection ? metal silicon junction, majority carrier conduction ? high surge capability gram maximum ratings and elect rical char acterist ics @ t a = 25c unless otherwise s pecified single phase, half wave, 60hz, resistive or inductive load. for capac itive load, derate current by 20% . notes: 1. thermal resistance: junction to terminal, unit mounted on pc board with 5.0 mm 2 (0.013 mm thick) copper pad as heat sink. 2. measured at 1.0 mhz and applied reverse v oltage of 4.0v dc. 3. rohs revision 13.2.2003. high temperature solder exemption applied, see eu directive annex n ote 7. characteristic symbol B220 b230 b240 b250 b260 unit peak repetitive revers e voltage working peak revers e voltage dc blocking voltage v rrm v rwm v r 20 30 40 50 60 v rms reverse voltage v r (rms) 14 21 28 35 42 v average rectified output curr ent @ t t = 100c i o 2.0 a non-repetitive peak forwar d surge current, 8.3ms s ingle half sine-wave superimposed on r ated load i fsm 50 a forward voltage @ i f = 2.0a v fm 0.50 0.70 v peak revers e current @ t a = 25c at rated dc blocking voltage @ t a = 100c i rm 0.5 20 ma typical total capacitance (n ote 2) c t 200 pf typical thermal resistanc e, junction to terminal r q jt 20 c/w typical thermal resistanc e, junction to ambient (note 1) r q ja 25 c/w operating and storage temperature range t j , t stg -65 to +150 c
e-mail: sales@taychipst.com web site: www.taychipst.com 2 of 2 surface mount schottky barrier rectifier B220 thru b260 2.0a average forward rectified current,amperes ambient temperature ?? fig. 1 -- forward derating curve 0.5 1.0 50 70 0 1.5 2 . 0 60 80 90 100 110 120 130 resistive or inductive load 0.375"(9.5mm) lead length 140 0 1 0 2 0 3 0 4 0 5 0 1 1 0 1 0 0 i , p e a k f o r w a r d s u r g e c u r r e n t ( a ) f s m n u m b e r o f c y c l e s a t 6 0 h z f ig . 3 m a x n o n -r e p e ti ti v e p e a k f o rw a rd s u rg e c u rr e n t s in g le h a lf -s in e -wa v e 1 0 1 0 0 1 0 0 0 0 .1 1 1 0 1 0 0 c , t o t a l c a p a c i t a n c e ( p f ) t v , r e v e r s e v o l t a g e ( v ) r f ig . 4 t y p ic a l t o tal c a pa c ita n c e t = 2 5 c j f = 1 m h z . 0 20 40 60 80 10 0 12 0 14 0 i , i n s t a n t a n e o u s r e v e r s e c u r r e n t ( m a ) r pe r c en t of r a te d p ea k r ev er se v o l t ag e (% ) fi g. 5 t yp ic al r ev er se c ha ra ct er is tic s t = 10 0 c j t = 75 c j t = 25 c j 10 0 10 1. 0 0. 1 0. 01 0. 00 1 2 0 3 0 4 0 5 0 1 6 1 2 8 4 2 4 2 0 3 2 2 8 3 6 4 0 t , d e r a t e d a m b i e n t t e m p e r a t u r e ( c ) a v , d c r e v e r s e v o l t a g e ( v ) r f i g . 6 o p e r a t i n g t e m p e r a t u r e d e r a t i n g ( b 2 4 0 ) 6 0 7 0 8 0 1 2 0 1 3 0 9 0 1 0 0 1 10 1 5 0 1 4 0 1 6 0 0 n o t e 5 0 0.01 0.1 1 10.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 30.0 1.6 t j =125 c t j =150 c t j =25 c puise width=300 s 1%duty cycle B220- - b240 b250 - -b260 o o o instantaneous forward current,amperes fi g. 2 -- typi cal forward characteri sti cs instantaneous forward voltage,volts


▲Up To Search▲   

 
Price & Availability of B220

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X